PART |
Description |
Maker |
IRFF120 IRFF121 IRFF122 IRFF123 |
N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 5.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 100V. Continuous drain current 5.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 50V. Continuous drain current 6.0A. N-CHANNEL ENHANCEMENT-MODE POWER MOS FIELD-EFFECT TRANSISTORS
|
General Electric Solid State GE Solid State
|
SP8855 SP8855E |
2.8GHz Parallel Load Professional Synthesiser MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:15A; On-Resistance, Rds(on):10mohm; Rds(on) Test
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|
HCF4006B HCF4006BC1 HCF4006BEY HCF4006BM1 HCC_HCF4 |
18-STAGE STATIC SHIFT REGISTER MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:50A; On-Resistance, Rds(on):28mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-220; Drain-Source Breakdown Voltage:60V 18 -阶段静态移位寄存器
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
ST662 ST662A ST662AB ST662ABD ST662ABN ST662AC ST6 |
From old datasheet system DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:14A; On-Resistance, Rds(on):9mohm; Rds(on) Test
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MAX11014BGTMT MAX11015BGTM |
Automatic RF MESFET Amplifier Drain-Current Controllers Automatic RF MESFET Amplifier Drain-Current Controllers SPECIALTY CONSUMER CIRCUIT, PQCC48
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
2SK1630 |
Drain Current ?ID= 3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1171 |
Drain Current ?ID=4A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1603 |
Drain Current ?ID= 2.5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1602 |
Drain Current ?ID= 2.8A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1460 |
Drain Current ?ID=3.5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1465 |
Drain Current ?ID=8A@ TC=25C
|
Inchange Semiconductor ...
|
2SK529 |
Drain Current ?ID=2A@ TC=25C
|
Inchange Semiconductor ...
|